PART |
Description |
Maker |
3-5353652-6 |
HARD TRAY ASSY FH 0.5BTB CONNECTOR PLUG 8H W/G-PLATE ON 2ROW CAP
|
Tyco Electronics
|
0479890312 47989-0312 |
1.00mm (.039") by 1.00mm (.039") Pitch rPGA 988B Notebook PC CPU Socket,with Mylar, Hard Tray Packaging 1.00mm (.039) by 1.00mm (.039) Pitch rPGA 988B Notebook PC CPU Socket,with Mylar, Hard Tray Packaging
|
Molex Electronics Ltd.
|
0479890112 47989-0112 |
1.00mm (.039") by 1.00mm (.039") Pitch rPGA 989 Notebook PC CPU Socket, with Mylar, Hard Tray Packaging, 989 Circuits, Lead free 1.00mm (.039) by 1.00mm (.039) Pitch rPGA 989 Notebook PC CPU Socket, with Mylar, Hard Tray Packaging, 989 Circuits, Lead free
|
Molex Electronics Ltd.
|
54698-7007 |
0.80mm (.031) Pitch S.O. DIMM Socket, Right Angle, Surface Mount, 5.20mm (.205) Mounted Height, 144 Circuits, 5.0V Power Supply, Hard Tray Packaging, Height9.00mm (.354) Type, Lead-free
|
Molex Electronics Ltd.
|
0479890232 47989-0232 |
1.00mm (.039) by 1.00mm (.039) Pitch rPGA 988A Notebook PC CPU Socket,with Pick-and-Place Cover, Hard Tray Packaging, 988 Circuits, Lead free
|
Molex Electronics Ltd.
|
54697-7003 |
0.80mm (.031) Pitch S.O. DIMM Socket, Right Angle, Surface Mount, 4.00mm (.157Mounted Height, 144 Circuits, 3.3V Power Supply, Hard Tray Packaging, Height11.00mm (.433) Type, Lead-free
|
Molex Electronics Ltd.
|
ICS606T |
IC SOCKETS SINGLE & DUAL ROW SOCKETS
|
Adam Technologies, Inc.
|
M54HC166KT M54HC4066KT M54HC157KT M54HC237KT M54HC |
Rad-Hard 8-bit PISO Shift Register With Clear Rad-Hard Quad Bilateral Switch Rad-Hard Quad 2-Channel Multiplexer Rad-Hard 3-to-8 Line Decoder Latch Rad-Hard Hex Bus Buffer 3-State Rad-Hard 8 Bit Latch/Shift Register Rad-Hard Triple 3-Input NOR Gate Rad-Hard 3-to-8 Line Decoder Latch Inverter Rad-Hard Quad 2-Channel Multiplexer 3-State Rad-Hard Dual 2-to-4 Line Decoder/Demultiplexer Rad-Hard Octal Bus Buffer 3-State Rad-Hard Hex D-Type Flip-Flop With Clear Rad-Hard 4-to-16 Line Decoder Latch Rad-Hard Dual D-Type Flip-Flop With Preset & Clear Rad-Hard 8-bit SIPO Shift Register Rad-Hard Hex Inverter Rad-Hard Octal D-Type Flip-Flop 3-State Rad-Hard Dual Retrigg. Monostable Multivibrator with Clear Rad-Hard Dual 4-Channel Multiplexer Rad-Hard 3-to-8 Line Decoder Inverter Rad-Hard Quad 2-Channel Multiplexer Inverter Rad-Hard Quad D-Type Flip-Flop With Clear Rad-Hard Quad 2-Input AND Gate Rad-Hard Dual J-K Flip-Flop With Preset & Clear Rad-Hard Hex Buffer/Converter Inverter Rad-Hard Synchronous Up/Down Binary Counter Rad-Hard Dual Binary Counter Rad-Hard Quad 2-Input NOR Gate Rad-Hard Quad 2-Input Schmitt NAND Gate Rad-Hard Quad 2-Input OR Gate
|
ST Microelectronics
|
BWP-12/125-D12 BWP-12/125-D48 BWP-5/250-D48 BWP-15 |
Rad-hard 8 bit PISO shift register Rad-hard hex D-type flip flop with clear DC - DC电压转换 Rad-hard quad D-type flip flop with clear 型DC - DC电压转换
|
Sumida, Corp. 3M Company
|
9741666643 9741686025 9741681004 |
Supports Standard 2.5 Hard Disk Drive Supports SATA Interface Hard Disk (Without DVD Driver) Provides 10°C~20°C Extra Cooling For Any AEC-6811/ 6821/6831/ 6841 BOXER Series System
|
AAEON Technology
|
LPC2458FET180551 |
Single-chip 16-bit/32-bit micro; 512 kB flash, Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface; Package: SOT570-2 (TFBGA180); Container: Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PBGA180
|
NXP Semiconductors N.V.
|
UPC5201GA-XXX-2E5 UPC5201GA-XXX-9EU UPC5023GR-XXX |
Analog signal processing circuit dedicated semi-custom LSI Semi-custom IC for analog signal processing Dedicated analog signal processing circuit semi-custom LSI Analog signal processing semi-custom LSI
|
NEC
|
|